| Zakładka z wyszukiwarką danych komponentów |
|
AN2450 Arkusz danych(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2450 Arkusz danych(HTML) 23 Page - STMicroelectronics |
|
23 / 35 page ![]() DocID12784 Rev 6 23/35 AN2450 Design procedure 35 6 Design procedure Based on the analysis presented so far, a step-by-step design procedure of an LLC resonant converter is now proposed, which fulfills the following design specification and requires the additional information listed below: Design specification: – Input voltage range: Vdc.min - Vdc.max – Nominal input voltage: Vdc.nom – Regulated output voltage: Vout – Maximum output power: Pout – Resonant frequency: fr – Maximum operating frequency: fmax Additional info: – Parasitic capacitance at node N: Czvs – Dead time of driving circuit: TD General criteria for the design: – The converter will be designed to work at resonance at nominal input voltage. – The converter must be able to regulate down to zero load at maximum input voltage. – The converter will always work in ZVS in the whole operating range. 10 step procedure: – Step 1 - to fulfill the first criterion, impose that the required gain at nominal input voltage equals unity and calculate the transformer turn ratio: Equation 54 – Step 2 - calculate the max. and min. required gain at the extreme values of the input voltage range: Equation 55 Equation 56 Mnom 2n Vout Vdcnom ------------------- 1 = = n 1 2 --- Vdcnom Vout ------------------- = . . Mmax 2n Vout Vdcmin ------------------ = . Mmin 2n Vout Vdcmax ------------------- = . |