Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN2841 Arkusz danych(PDF) 6 Page - STMicroelectronics

Numer części AN2841
Szczegółowy opis  This application note deals with the general principles of LED dimming
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2841 Arkusz danych(HTML) 6 Page - STMicroelectronics

Back Button AN2841 Datasheet HTML 2Page - STMicroelectronics AN2841 Datasheet HTML 3Page - STMicroelectronics AN2841 Datasheet HTML 4Page - STMicroelectronics AN2841 Datasheet HTML 5Page - STMicroelectronics AN2841 Datasheet HTML 6Page - STMicroelectronics AN2841 Datasheet HTML 7Page - STMicroelectronics AN2841 Datasheet HTML 8Page - STMicroelectronics AN2841 Datasheet HTML 9Page - STMicroelectronics AN2841 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
Description of LED dimming
AN2841
6/31
2.1
Driving multiple LED applications
Displays, indicators and panels increasingly use more and more LEDs. There are three
approaches for driving higher numbers of LEDs:
1.
Dedicated pin
Each LED is driven by dedicated system (microcontroller, FPGA) pin.
Advantages: Simple implementation of dimming algorithm. No conversion.
Disadvantages: Unusable for high LED counts. Consumes pins of microcontroller.
2.
Serial-parallel conversion
Multiple LEDs are driven by a single system pin.
Advantages: Reduced number of system pins required. High LED count systems can
be developed.
Disadvantages: Additional components and external buffers are needed. The data rate
on a single pin must be n times greater than that for the single LED out of n, where n is
the number of LEDs.
3.
Matrix
LEDs are arranged in a square matrix and driven by a complex and sophisticated
algorithm that combines serial-parallel conversion with additional decomposition of the
serial data stream into the rows and columns by another active component.
This document focuses on serial-parallel conversion applications.
2.2
Multi-channel dimming using serial-parallel conversion
The serial-parallel conversion approach is in fact a parallel-serial-parallel conversion since
the data is stored in the system memory in parallel format and then is converted to serial
format before its transfer over the serial interface. The serial stream is then reconverted to
parallel format by the LED driver used to drive each LED. The serial data transfer speed
must be n times faster than driving a single LED, where n is the number of parallel driver
outputs.
Buffers (LED drivers) used for serial-parallel conversion come generally with the four most
important signals:
■ SDI:
Serial data in
■ SDO: Serial data out
■ CLK: Clock signal used for loading data in the driver buffer via the SDI (input) and
sending data from the buffer via the SDO (output). It also shifts all data actually
present (previously loaded) in the driver.
■ LE:
Copies (latch enable) the actual values loaded in the driver into its output cells.
The output cells drive parallel outputs.
The standard serial peripheral interface (SPI) contains SDO, SDI and CLK signals.
It is necessary to latch (LE signal pulse) internal driver data once per n CLK cycles, where
n is the total LED count. This latching rule ensures the correct mapping of the serialized
PWM data coming on SDI to the corresponding parallel output. Refer to Figure 2, Figure 3
and Figure 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com