| Zakładka z wyszukiwarką danych komponentów |
|
AN2937 Arkusz danych(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2937 Arkusz danych(HTML) 24 Page - STMicroelectronics |
|
24 / 41 page ![]() Jumper settings AN2937 24/41 Doc ID 15418 Rev 1 9.18 MOSFET dual option, high-side connection section 2 Table 20. Jumper S18 DUAL_GATE_2 Position Connection of high-side MOS (dual configuration) SHORTED Short this jumper to connect the HGATE2 drive to the MOSFET gate if dual MOSFETs are mounted. OPEN Leave this jumper open if MOSFET in single package is used. |