Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN2983 Arkusz danych(PDF) 10 Page - STMicroelectronics

Numer części AN2983
Szczegółowy opis  Constant current inverse buck LED driver using L6562A
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2983 Arkusz danych(HTML) 10 Page - STMicroelectronics

Back Button AN2983 Datasheet HTML 6Page - STMicroelectronics AN2983 Datasheet HTML 7Page - STMicroelectronics AN2983 Datasheet HTML 8Page - STMicroelectronics AN2983 Datasheet HTML 9Page - STMicroelectronics AN2983 Datasheet HTML 10Page - STMicroelectronics AN2983 Datasheet HTML 11Page - STMicroelectronics AN2983 Datasheet HTML 12Page - STMicroelectronics AN2983 Datasheet HTML 13Page - STMicroelectronics AN2983 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
Circuit description
AN2983
10/32
Doc ID 15679 Rev 1
This causes the gate driver to go high again and then the power MOSFET to conduct.
The time delay toff is simply governed by the equation of the discharge of the capacitor C8
through the resistor R18 with the boundary conditions V (t0) = 5.7 V, V (t1) = 0.7 V.
Equation 7
Equation 8
Equation 9
With our values this gives:
Equation 10
Refer to AN2782(b) for a detailed description of the FOT controller. Figure 9 shows the key
waveforms with the LEDs’ current (I_LED), capacitor (C8) voltage (V_C8) and gate drive
output voltage (V_GD).
Figure 9.
toff delay (actual)
It is worth noting that the real toff time is 1.57 µS and that the low threshold is 0.44 V. This is
due to the components’ tolerance and to the propagation delay from the comparator input to
the gate driver output.
b.
See Chapter 5: References on page 30.
⎥⎦
⎤
⎢⎣
⎡
−
=
8
*C
18
R
(toff)
0
1
e
*
)
t
(
V
)
t
(
V
⎥
⎦
⎤
⎢
⎣
⎡
−
=
⎥
⎦
⎤
⎢
⎣
⎡
8
18
0
1
C
*
R
toff
)
t
(
V
)
t
(
V
ln
⎥
⎦
⎤
⎢
⎣
⎡
=
)
t
(
V
)
t
(
V
ln
*
)
C
*
R
(
toff
1
0
8
18
S
17
.
1
)
C
*
R
(
*
1
.
2
7
.
0
7
.
5
ln
*
)
C
*
R
(
toff
8
18
8
18
μ
=
=
⎥⎦
⎤
⎢⎣
⎡
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com