Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN3119 Arkusz danych(PDF) 4 Page - STMicroelectronics

Numer części AN3119
Szczegółowy opis  250 W transition-mode PFC pre-regulator with the new L6563S
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3119 Arkusz danych(HTML) 4 Page - STMicroelectronics

  AN3119 Datasheet HTML 1Page - STMicroelectronics AN3119 Datasheet HTML 2Page - STMicroelectronics AN3119 Datasheet HTML 3Page - STMicroelectronics AN3119 Datasheet HTML 4Page - STMicroelectronics AN3119 Datasheet HTML 5Page - STMicroelectronics AN3119 Datasheet HTML 6Page - STMicroelectronics AN3119 Datasheet HTML 7Page - STMicroelectronics AN3119 Datasheet HTML 8Page - STMicroelectronics AN3119 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
Main characteristics and circuit description
AN3119
4/32
Doc ID 16849 Rev 2
1
Main characteristics and circuit description
The main characteristics of the SMPS are:
●
Line voltage range: 90 to 265 Vac
●
Line frequency (fL): 47 to 63 Hz
●
Regulated output voltage: 400 V
●
Rated output power: 250 W
●
Maximum 2fL output voltage ripple: 20 V pk-pk
●
Hold-up time: 10 ms (VDROP after hold-up time: 300 V)
●
Minimum switching frequency: 40 kHz
●
Minimum estimated efficiency: 93 % (@Vin=90 Vac, Pout=250 W)
●
Maximum ambient temperature: 50 °C
●
PCB type and size: single side, 35 µm, CEM-1, 88 x 116 mm
This demonstration board implements a power factor correction (PFC) pre-regulator, 250 W
continuous power, delivering a regulated 400 V rail from a wide range mains voltage and
providing for the reduction of the mains harmonics, allowing the European EN61000-3-2 or
the Japanese JEITA-MITI standard to be met. The regulated output voltage is typically the
input for the cascaded isolated DC-DC converter which provides the output rails required by
the load.
The power stage of the PFC is a conventional boost converter, connected to the output of
the D1 rectifier bridge. It is completed by the L2 coil, the D3 diode and the C5 capacitor. The
boost switch is represented by the Q1 and Q2 power MOSFETs, connected in parallel. The
NTC R1 limits the inrush current at switch-on. It has been connected on the DC rail, in
series to the output electrolytic capacitor, in order to improve the efficiency during low-line
operation. In fact the RMS current flowing into the output stage is lower than current flowing
into the input stage at the same input voltage. The board is equipped with an input EMI filter
necessary to filter the switching noise coming from the boost stage.
At startup the L6563S is powered by the capacitor C9 which is charged via the R5 and R11
resistors. The L2 secondary winding and the charge pump circuit (C6, R2, D4 and D5)
generate the Vcc voltage powering the L6563S during normal operations. The L2 secondary
winding is also connected to the L6563S pin #11 (ZCD) through the R14 resistor. Its
purpose is to supply the information that L2 has demagnetized, needed by the internal logic
to trigger a new switching cycle.
The R4, R8, R12, and R15 divider provides, to the L6563S multiplier, the information for the
instantaneous mains voltage which is used to modulate the peak current of the boost.
The R3, R6, R7 with R9 and R10 resistors are dedicated to sensing the output voltage and
giving the feedback information necessary to the L6563S to regulate the output voltage. The
C7, R13 and C10 components are the error amplifier compensation network necessary to
obtain the required loop stability.
The peak current is sensed by the R23 and R24 resistors in series to the MOSFET and the
signal is fed into pin #4 (CS) of the L6563S via the filter by R20 and C14.
C12, R27 and R28 are connected to pin #5 (VFF), they complete an internal peak-holding
circuit which obtains the information on the RMS mains voltage. The voltage signal at this
pin, a DC level equal to the peak voltage on pin #3 (MULT), is fed to a second input to the
multiplier for 1/V2 function necessary to compensate the control loop gain dependence on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com