Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN3223 Arkusz danych(PDF) 21 Page - STMicroelectronics

Numer części AN3223
Szczegółowy opis  Driver for double flash LED with I²C interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3223 Arkusz danych(HTML) 21 Page - STMicroelectronics

Back Button AN3223 Datasheet HTML 17Page - STMicroelectronics AN3223 Datasheet HTML 18Page - STMicroelectronics AN3223 Datasheet HTML 19Page - STMicroelectronics AN3223 Datasheet HTML 20Page - STMicroelectronics AN3223 Datasheet HTML 21Page - STMicroelectronics AN3223 Datasheet HTML 22Page - STMicroelectronics AN3223 Datasheet HTML 23Page - STMicroelectronics AN3223 Datasheet HTML 24Page - STMicroelectronics AN3223 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
AN3223
The light sensor
Doc ID 17553 Rev 2
21/29
8
The light sensor
The light sensor is an optional feature which optimizes the FLASH duration according to the
light conditions in the flashed scene. This feature requires three external components to be
connected to the STCF04 according to
Figure 12. It is recommended to connect the
collector of the phototransistor to VREF = 1.8 V. The integrating capacitor CINT is discharged
before every FLASH pulse. This reset takes approximately 200 µs. During the FLASH the
voltage on this capacitor increases according to the amount of light in the scene and TFOTO,
RLIGHT, and CINT parameters. The values of these components must be selected according
to the final application purpose.
Figure 12.
Optional light sensor feature
AM07806v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29