Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN3290 Arkusz danych(PDF) 31 Page - STMicroelectronics

Numer części AN3290
Szczegółowy opis  Reference design for double output SMPS for power line
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3290 Arkusz danych(HTML) 31 Page - STMicroelectronics

Back Button AN3290 Datasheet HTML 26Page - STMicroelectronics AN3290 Datasheet HTML 27Page - STMicroelectronics AN3290 Datasheet HTML 28Page - STMicroelectronics AN3290 Datasheet HTML 29Page - STMicroelectronics AN3290 Datasheet HTML 30Page - STMicroelectronics AN3290 Datasheet HTML 31Page - STMicroelectronics AN3290 Datasheet HTML 32Page - STMicroelectronics AN3290 Datasheet HTML 33Page - STMicroelectronics AN3290 Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
AN3290
Conclusions
Doc ID 18038 Rev 1
31/34
8
Conclusions
A double-output flyback converter using the new ALTAIR04-900, specifically designed for
power line modem systems based on ST7580 (by STMicroelectronics), has been introduced
and the results are presented.
The demonstration board shows good performances in terms of load and line regulation and
the overall efficiency is very good also at light load conditions.
The pre-compliant tests on conducted noise show that the QR mode of operation of the IC
helps to meet the standards, therefore it is possible to reduce the size and the cost of the
EMI filter compared to a fixed frequency IC.
The all-primary sensing control loop circuitry makes this device very competitive in terms of
performance and price thanks of the absence of the optocoupler and any specific secondary
circuitry for CV regulation and overload protection, including a secondary voltage reference
and sense resistor.
Moreover, the 900 V avalanche-rugged power section, and the several protections that this
device has onboard, makes this IC the device of choice for energy metering, 3-phase
auxiliary power supplies and for all applications where the ultra wide-range is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34