| Zakładka z wyszukiwarką danych komponentów |
|
UPD22100GS Arkusz danych(PDF) 7 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD22100GS Arkusz danych(HTML) 7 Page - NEC |
|
7 / 16 page ![]() 7 µPD22100, 22148 µPD22148 ABSOLUTE MAXIMUM RATINGS (Ta = 25 °C, VSS = 0 V) DC Supply Voltage 1 VDD VCC to +20 V DC Supply Voltage 2 VCC −0.5 to +6 V Input Voltage VI −0.5 to VCC + 0.5 V Input Voltage (Analog) VIA −0.5 to VDD + 0.5 V Input Current II ±10 mA Power Dissipation PD 200 mW Operating Temperature Topt −40 to +85 °C Storage Temperature Tstg −65 to +125 °C RECOMMENDED OPERATING CONDITIONS (Ta = −40 to +85 °C) CHARACTERISTIC SYMBOL MIN. TYP. MAX. UNIT CONDITIONS Operating Voltage 1 VDD VCC 18 V Operating Voltage 2 VCC 4.5 5 5.5 V Input Voltage (Control) VIH 0.7 VCC VCC V Input Voltage (Control) VIL 0 0.3 VCC V Analog Input Voltage VIA VSS VDD VVxn − Vyn ≤ 0.5 V ELECTRICAL CHARACTERISTICS CHARACTERISTIC SYMBOL Ta = −40 °CTa = 25 °CTa = +85 °C UNIT CONDITIONS MIN. MAX. MIN. TYP. MAX. MIN. MAX. VDD (V) On-State 530 160 650 820 5 Resistance RON 100 80 120 150 Ω 10 VIS = 75 70 90 120 12 70 60 85 110 15 On-State 35 5 Resistance Dif- ∆RON 20 Ω 10 VIS = ference Between 18 12 Any Two Switches 15 15 Input Leakage IL ±300 ±1 ±300 ±10000 nA 18 All Switches OFF Current Input Voltage VIH 3.5 3.5 3.5 V − VCC = 5 V VDD > 10 V Input Voltage VIL 1.5 1.5 1.5 V − VCC = 5 V VDD > 10 V Input Current II ±0.3 ±10−5 ±0.3 ±1 µA − VCC = 6 V VI = VSS, VCC Quiescent 10 0.08 10 300 5 Current IDD 20 0.08 20 600 µA10 VI = VSS, VDD 40 0.16 40 1200 15 VDD − VSS 2 VDD − VSS 2 |