Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN4075 Arkusz danych(PDF) 7 Page - STMicroelectronics

Numer części AN4075
Szczegółowy opis  STEVAL-IFP016V2 IO-Link communication master transceiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4075 Arkusz danych(HTML) 7 Page - STMicroelectronics

Back Button AN4075 Datasheet HTML 3Page - STMicroelectronics AN4075 Datasheet HTML 4Page - STMicroelectronics AN4075 Datasheet HTML 5Page - STMicroelectronics AN4075 Datasheet HTML 6Page - STMicroelectronics AN4075 Datasheet HTML 7Page - STMicroelectronics AN4075 Datasheet HTML 8Page - STMicroelectronics AN4075 Datasheet HTML 9Page - STMicroelectronics AN4075 Datasheet HTML 10Page - STMicroelectronics AN4075 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
AN4075
Board description
Doc ID 022954 Rev 1
7/23
Table 2.
STEVAL-IFP016V2 30-pin signal connector description
Pin number
Description
2GND
5INC/Q
6OUTC/Q
9
SA1
10
SA2
11
SCL
12
SDA
15
ENL+
16
OUTI/Q
17
IRQ
18
RST
26
ENC/Q
27
SA0
Others
Not connected
Table 3.
STEVAL-IFP016V2 electrical specifications (recommended values)
Parameter
Value
Supply voltage range (VS)
18 to 32.5 V
Logic input voltage range
0 to +5 V
Operating temperature range
-25 °C to +125 °C
L6360 thermal resistance junction-to-ambient
50 °C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com