Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN4077 Arkusz danych(PDF) 22 Page - STMicroelectronics

Numer części AN4077
Szczegółowy opis  100 W transition-mode PFC pre-regulator with the new L6564H
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4077 Arkusz danych(HTML) 22 Page - STMicroelectronics

Back Button AN4077 Datasheet HTML 18Page - STMicroelectronics AN4077 Datasheet HTML 19Page - STMicroelectronics AN4077 Datasheet HTML 20Page - STMicroelectronics AN4077 Datasheet HTML 21Page - STMicroelectronics AN4077 Datasheet HTML 22Page - STMicroelectronics AN4077 Datasheet HTML 23Page - STMicroelectronics AN4077 Datasheet HTML 24Page - STMicroelectronics AN4077 Datasheet HTML 25Page - STMicroelectronics AN4077 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
Test results and significant waveforms
AN4077
22/33
Doc ID 022997 Rev 1
established between the cascade converter and the PFC via the disable function included in
the PFC_OK pin (pin #6). Needless to say, this operation assumes that the cascaded PFC
converter stage works as the master (thanks also to the integrated brownout function) and
the DC-DC stage as the slave or, in other words, that the PFC stage starts first, it powers
both controllers and enables/disables the operation of the downstream converter stage.
Several PWM controllers by STMicroelectronics have integrated some housekeeping
functions for the D2D and offer the possibility to interface directly the L6564H with the
downstream PWM controller via dedicated pins.
Should the residual consumption of the chip be an issue, it is also possible to cut down the
supply voltage. In this case, such operation assumes that the cascaded DC-DC converter
stage works as the master and the PFC stage as the slave or, in other words, that the DC-
DC stage starts first, it powers both controllers and enables/disables the operation of the
PFC stage. The EVL6564H-100W offers the possibility to test the disable function by
connecting it to the cascaded converter of the DC-DC converter. The PFC_OK pin, VCC and
ground are available via the series resistors R30 and R31 (
Figure 2).
Figure 31.
Interface circuits that let DC-DC converter controller IC disable the
L6564H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33