Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LT1389 Arkusz danych(PDF) 4 Page - Linear Technology

Numer części LT1389
Szczegółowy opis  Nanopower Precision Shunt Voltage Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LINER [Linear Technology]
Strona internetowa  http://www.linear.com
Logo LINER - Linear Technology

LT1389 Arkusz danych(HTML) 4 Page - Linear Technology

  LT1389 Datasheet HTML 1Page - Linear Technology LT1389 Datasheet HTML 2Page - Linear Technology LT1389 Datasheet HTML 3Page - Linear Technology LT1389 Datasheet HTML 4Page - Linear Technology LT1389 Datasheet HTML 5Page - Linear Technology LT1389 Datasheet HTML 6Page - Linear Technology LT1389 Datasheet HTML 7Page - Linear Technology LT1389 Datasheet HTML 8Page - Linear Technology LT1389 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LT1389
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Reverse Breakdown Voltage
LT1389BCS8 (IR = 1.5µA)
4.99625
5.000
5.00375
V
– 0.075
0.075
%
LT1389BCS8 (IR = 1.5µA)
q
4.979
5.000
5.021
V
– 0.42
0.42
%
Reverse Breakdown Change
1.5
µA ≤ IR ≤ 200µA
0.2
1.5
mV
with Current (Note 4)
q
0.2
3
mV
200
µA ≤ IR ≤ 2mA
0.3
4
mV
q
0.3
6
mV
Minimum Operating Current
q
1
µA
Temperature Coefficient
IR = 1.5µA
q
12
50
ppm/
°C
Reverse Dynamic Impedance (Note 5)
1.5
µA ≤ IR ≤ 2mA
0.75
2
Ω
q
0.75
3
Ω
Low Frequency Noise (Note 6)
IR = 1.5µA, 0.1Hz ≤ f ≤ 10Hz
100
µVP-P
5V ELECTRICAL CHARACTERISTICS The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 3)
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: If the part is stored outside of the specific operating temperature
range, the output may shift due to hysteresis.
Note 3: ESD (Electrostatic Discharge) sensitive device. Use proper ESD
handling precautions.
Note 4: Output requires 0.1
µF for operating current greater than 1mA.
Note 5: This parameter is guaranteed by “reverse breakdown change with
current” test.
Note 6: Peak-to-peak noise is measured with a single highpass filter at
0.1Hz and 2-pole lowpass filter at 10Hz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com