Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN4503 Arkusz danych(PDF) 17 Page - STMicroelectronics

Numer części AN4503
Szczegółowy opis  This application note provides guidelines for successfully integrating
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4503 Arkusz danych(HTML) 17 Page - STMicroelectronics

Back Button AN4503 Datasheet HTML 13Page - STMicroelectronics AN4503 Datasheet HTML 14Page - STMicroelectronics AN4503 Datasheet HTML 15Page - STMicroelectronics AN4503 Datasheet HTML 16Page - STMicroelectronics AN4503 Datasheet HTML 17Page - STMicroelectronics AN4503 Datasheet HTML 18Page - STMicroelectronics AN4503 Datasheet HTML 19Page - STMicroelectronics AN4503 Datasheet HTML 20Page - STMicroelectronics AN4503 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
DocID026411 Rev 2
17/26
AN4503
Linux kernel space
26
struct input_event {
struct timeval time;
uint16_t type;
uint16_t code;
int32_t value;
};
int main(int argc, char *argv[])
{
int fd;
struct input_event ev;
assert(16 == sizeof(struct input_event));
if (argc != 2) {
fprintf(stderr, "missing /dev/input/XXX\n");
return 1;
}
if ((fd = open(argv[1], O_RDONLY)) == -1) {
perror("open");
return 1;
}
while (1) {
do
{
read(fd, &ev, sizeof(struct input_event));
if (ev.type == EV_ABS)
printf("type:%u code:%u value:%d\n", ev.type, ev.code, ev.value);
usleep(500000);
/* 2 reads per sec */
} while (ev.type != EV_SYN);
}
close(fd);
return 0;
}
Type, time, code and value correspond to the numbers that fill the shell when the getevent
command is launched.
In our example, it can be seen that the types for the pressure (abs_pr), temperature (chosen
as abs_gas) and humidity (chosen as abs_misc) are respectively: 18, 09 and 28.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26