Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LT1024 Arkusz danych(PDF) 3 Page - Linear Technology

Numer części LT1024
Szczegółowy opis  Dual, Matched Picoampere, Microvolt Input, Low Noise Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LINER [Linear Technology]
Strona internetowa  http://www.linear.com
Logo LINER - Linear Technology

LT1024 Arkusz danych(HTML) 3 Page - Linear Technology

  LT1024 Datasheet HTML 1Page - Linear Technology LT1024 Datasheet HTML 2Page - Linear Technology LT1024 Datasheet HTML 3Page - Linear Technology LT1024 Datasheet HTML 4Page - Linear Technology LT1024 Datasheet HTML 5Page - Linear Technology LT1024 Datasheet HTML 6Page - Linear Technology LT1024 Datasheet HTML 7Page - Linear Technology LT1024 Datasheet HTML 8Page - Linear Technology LT1024 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LT1024
1024fa
LT1024AM/LT1024AC
LT1O24M /LT1O24C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Input Offset Voltage Match
20
75
25
150
µV
IB+
Average Noninverting Bias
±30
±150
±40
±250
pA
Current
IOS+
Noninverting Offset Current
30
150
30
300
pA
∆CMRR
Common Mode Rejection Ratio
VCM = ±13.5V
110
132
106
132
dB
Match
∆PSRR
Power Supply Rejection Ratio
VS = ±2V to 20V
110
132
106
132
dB
Match
Channel Separation
f ≤ 10Hz (Note 4)
134
150
134
150
dB
LT1024AM/LT1024AC
LT1024M/LT1024C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
0°C to 70°C
●
30
120
35
200
µV
–55°C to 125°C
●
40
200
50
300
µV
Average Temperature Coefficient of
●
0.25
1.5
0.3
2.0
µV/°C
Input Offset Voltage
IOS
Input Offset Current
0°C to 70°C
●
40
250
50
300
pA
–55°C to 125°C
●
80
350
100
500
pA
Average Temperature Coefficient of
●
0.5
2.5
0.7
3
pA/°C
Input Offset Current
IB
Input Bias Current
0°C to 70°C
●
±40
±250
±50
±400
pA
–55°C to 125°C
●
±100
±700
±200
±1300
pA
Average Temperature Coefficient of
0°C to 70°C
●
0.4
3
0.5
4
pA/°C
Input Bias Current
– 55°C to 125°C
●
16
2
12
pA/°C
AVOL
Large-Signal Voltage Gain
VOUT = ±12V, RL ≥ 10kΩ
●
150
1000
150
1000
V/mV
VOUT = ±10V, RL ≥ 2kΩ
●
100
600
100
600
V/mV
CMRR
Common Mode Rejection Ratio
VCM = ±13.5V
●
108
128
106
128
dB
PSRR
Power Supply Rejection Ratio
VS = ±2.5V to ±18V
●
108
128
106
128
dB
Input Voltage Range
●
±13.5
±13.5
V
VOUT
Output Voltage Swing
RL = 10kΩ
●
±13
±14
±13
±14
V
IS
Supply Current
●
400
800
400
900
µA
Matching Specifications. VS = ±15V, VCM = 0V, TA = 25°C unless otherwise noted.
Individual Amplifiers. The ● denotes the specifications which apply over the full operating temperature range of 0°C ≤ TA = 70°C for
the LT1024AC and LT1024C; – 55°C ≤ TA ≤ 125°C for the LT1024AM and LT1024M. VS = ±15V, VCM = 0V, unless otherwise noted.
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com