Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN2064 Arkusz danych(PDF) 10 Page - STMicroelectronics

Numer części AN2064
Szczegółowy opis  Compliance of series/parallel protections for Telecom CO
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2064 Arkusz danych(HTML) 10 Page - STMicroelectronics

Back Button AN2064 Datasheet HTML 6Page - STMicroelectronics AN2064 Datasheet HTML 7Page - STMicroelectronics AN2064 Datasheet HTML 8Page - STMicroelectronics AN2064 Datasheet HTML 9Page - STMicroelectronics AN2064 Datasheet HTML 10Page - STMicroelectronics AN2064 Datasheet HTML 11Page - STMicroelectronics AN2064 Datasheet HTML 12Page - STMicroelectronics AN2064 Datasheet HTML 13Page - STMicroelectronics AN2064 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
AN2064 - APPLICATION NOTE
10/14
5. US market telecom protection tests
A PCB has been developed according to the criteria established earlier (see figure 9). These boards,
equipped with two fuses TCP1.25A from Cooper Bussmann and two TRISILs SMP100MC-270, have been
tested.
The schematic of these tested boards is given in the figure 10 and performed tests were based on Telcor-
dia (Bellcore) GR1089 for both lightning and power mains disturbances.
. Lightning surge 10/1000µs +/-1kV 100A (25 pulses in each polarity)
. Lightning surge 2/10µs +/-2.5kV and 5kV 500A (10 pulses in each polarity)
. Power mains disturbance 600V 3A 1.1s
. Power mains disturbance 277V 25A 15mn
. Power mains disturbance 600V 60A 5s
Figure 9: Picture of the developed board
Figure 10: Test board diagram
SMP100MC-270
Tip L
Gnd
Tip S
Gnd
Ring L
Ring S
SMP100MC-270
Fuse TCP 1.25A
Fuse TCP 1.25A
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com