| Zakładka z wyszukiwarką danych komponentów |
|
AN2386 Arkusz danych(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2386 Arkusz danych(HTML) 13 Page - STMicroelectronics |
|
13 / 30 page ![]() AN2386 MOS structure 13/30 If the silicon is doped of p-type (n-channel MOSFET) and the polysilicon is also doped of p- type, (Equation 32), Φms becomes positive and it can be rewritten as: Equation 43 and (Equation 39) becomes negative: Equation 44 and, thus, (Equation 42) becames: Equation 45 Φ ms kT q ------- N g N a • ni 2 -------------------- ln = ∂Φ ms ∂T ------------- Φ ms T ---------- 3 K q ---- • – E go qT --------- – = ∂V TH ∂T ------------- Φ ms T ---------- 2 Φ F T ------ • t OX ε sqNa ε OX Φ F --------------------- • ∂Φ F ∂T --------- • 6 K q ---- • – 2 E go qT --------- • – ++ = |