Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN2456 Arkusz danych(PDF) 9 Page - STMicroelectronics

Numer części AN2456
Szczegółowy opis  Protection of single battery voltage SLICs for new networks in US market
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2456 Arkusz danych(HTML) 9 Page - STMicroelectronics

Back Button AN2456 Datasheet HTML 5Page - STMicroelectronics AN2456 Datasheet HTML 6Page - STMicroelectronics AN2456 Datasheet HTML 7Page - STMicroelectronics AN2456 Datasheet HTML 8Page - STMicroelectronics AN2456 Datasheet HTML 9Page - STMicroelectronics AN2456 Datasheet HTML 10Page - STMicroelectronics AN2456 Datasheet HTML 11Page - STMicroelectronics AN2456 Datasheet HTML 12Page - STMicroelectronics AN2456 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
AN2456
SLIC protection
9/15
Figure 8.
Tip, ring and –Vbat voltages during active mode normal polarity (ANP
mode)
Figure 9.
TIP, RING and –Vbat voltages during Ringing mode
3.1
Lightning surge protection
Since the application is dedicated to US, the protection has to be Telcordia GR1089
compliant. Also because it is only meant for intrabuilding SLICs located in RT, this protection
needs only to be able to handle a 100 A (2/10 µs) current surge. Telcordia GR1089
Intrabuilding standard requires the EUT to meet First level compliance criterion for lightning
tests.
VTip (20 V/div)
VRing (20 V/div)
-Vbat (20 V/div)
0
VTip (20 V/div)
VRing (20 V/div)
-Vbat (20 V/div)
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com