| Zakładka z wyszukiwarką danych komponentów |
|
UM0969 Arkusz danych(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0969 Arkusz danych(HTML) 29 Page - STMicroelectronics |
|
29 / 46 page ![]() R17,R83 2.2 k Ω SMD 1206 Any R23,R99 5.6 k Ω SMD 1206 Any R24 22 Ω SMD 1206 Any R33,R35,R36,R44,R49,R76,R79R84 10 k Ω SMD 1206 Any R37,R54,R56,R69,R70,R71,R75R78 100 Ω SMD 1206 Any R38,R39,R40,R41,R42,R43,R92 47 k Ω SMD 1206 Any R45,R95 68 k Ω SMD 1206 Any R46,R88 100 k Ω SMD 1206 Any R48,R85 6.8 k Ω SMD 1206 Any R52 22 k Ω SMD 1206 Any R53,R57,R94 220 Ω SMD 1206 Any R55 680 Ω SMD 1206 Any R58,R77 1.8 k Ω SMD 1206 Any R59,R60,R64,R67 100 k-1/2 W RC06 Any R61,R63,R80,R81 470 k Ω SMD 1206 Any R62 1.5 k Ω SMD 1206 Any R65 8.2 k Ω SMD 1206 Any R72,R73,R74 0.1/5 W Low inductance sense resistor Any R82 27 k Ω SMD 1206 Any R86,R91 12 k Ω SMD 1206 Any R89 5.6 k Ω SMD 1206 Any R90 120 Ω SMD 1206 Any R96 220 k Ω SMD 1206 Any R98 15 k Ω SMD 1206 Any TR1 1.5KE400A DO-201 STMicroelectronics Table 9. BOM list (continued) Reference Value/part number Package Manufacturer |