Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN302 Arkusz danych(PDF) 9 Page - STMicroelectronics

Numer części AN302
Szczegółowy opis  The purpose of this note is to familiarize
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN302 Arkusz danych(HTML) 9 Page - STMicroelectronics

Back Button AN302 Datasheet HTML 2Page - STMicroelectronics AN302 Datasheet HTML 3Page - STMicroelectronics AN302 Datasheet HTML 4Page - STMicroelectronics AN302 Datasheet HTML 5Page - STMicroelectronics AN302 Datasheet HTML 6Page - STMicroelectronics AN302 Datasheet HTML 7Page - STMicroelectronics AN302 Datasheet HTML 8Page - STMicroelectronics AN302 Datasheet HTML 9Page - STMicroelectronics AN302 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
AN302
Conclusions
9/10
3
Conclusions
The choice of a thyristor or a TRIAC does not depend only on the voltage, the rated current
and the sensitivity. Other parameters must be taken into account to ensure reliability.
The holding or hypostatic current, IH, plays an important role in many circuits. The value of
this parameter varies with:
dispersion of the characteristics at manufacture
temperature
control circuit (in the case of sensitive thyristors)
direction of current flow.
Taking into account these elements, the designer can obtain satisfactory operation of his
circuit in industrial real-life applications.
4
Revision history
Table 3.
Document revision history
Date
Revision
Changes
Feb-1989
1
First issue
30-Mar-2004
2
Stylesheet update. No content change.
10-Mar-2008
3
Reformatted to current standards. Complete technical review



Html Pages

1 2 3 4 5 6 7 8 9 10