Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN871 Arkusz danych(PDF) 7 Page - STMicroelectronics

Numer części AN871
Szczegółowy opis  In power electronics the choice of the switch to be used is always very important
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN871 Arkusz danych(HTML) 7 Page - STMicroelectronics

Back Button AN871 Datasheet HTML 3Page - STMicroelectronics AN871 Datasheet HTML 4Page - STMicroelectronics AN871 Datasheet HTML 5Page - STMicroelectronics AN871 Datasheet HTML 6Page - STMicroelectronics AN871 Datasheet HTML 7Page - STMicroelectronics AN871 Datasheet HTML 8Page - STMicroelectronics AN871 Datasheet HTML 9Page - STMicroelectronics AN871 Datasheet HTML 10Page - STMicroelectronics AN871 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7/13
AN871 APPLICATION NOTE
Figure 7. Typical circuit using triac as a bidirectional switch to control each door separately
Gate control circuit
In this circuit, the terminal A1 of the triac is sometimes connected to the ground or to the battery voltage.
Therefore, a small interface circuit is needed to drive the gate from a standard micro controller output.
This interface circuit can be done either with passive components (AC coupling with a capacitor) or with
transistor and diodes providing a direct coupling more interesting to use standard triac without particular
requirement concerning gate triggering current (see Figure 8).
RELAY
(LOCKING / UNLOCKING)
CONTROL
BUS
µCONT
INTERFACE
G1
G1
G2
G3
T1
T2
T3
M1
+Vbat.
+Vbat.
M2
M3
G2
G3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13