| Zakładka z wyszukiwarką danych komponentów |
|
UPD62AMC Arkusz danych(PDF) 38 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD62AMC Arkusz danych(HTML) 38 Page - NEC |
|
38 / 62 page ![]() 38 µPD62A Data Sheet U14474EJ1V0DS00 XRL A, @R0H XRL A, @R0L <1> Instruction code: 1 010 0/1 1000 0 <2> Cycle count: 1 <3> Function: (A) ← (A) ∨ ((P13), (R0))7-4 (in the case of XRL A, @R0H) CY ← A3 • ROM7 (A) ← (A) ∨ ((P13), (R0))3-0 (in the case of XRL A, @R0L) CY ← A3 • ROM3 The accumulator contents and the program memory contents specified with the control register P13 and register pair R10-R00 are exclusive-ORed and the results are entered in the accumulator. If H is specified, b7, b6, b5, and b4 take effect. If L is specified, b3, b2, b1, and b0 take effect. XRL A, #data4 <1> Instruction code: 1 01011000 1 0 00000 d3 d2 d1 d0 <2> Cycle count: 1 <3> Function: (A) ← (A) ∨ data4 CY ← A3 • data43 The accumulator contents and the immediate data are exclusive-ORed and the results are entered in the accumulator. INC A <1> Instruction code: 1 01001001 1 <2> Cycle count: 1 <3> Function: (A) ← (A) + 1 If A = 0 CY ← 1 else CY ← 0 The accumulator contents are incremented (+1). RL A <1> Instruction code: 1 11001001 1 <2> Cycle count: 1 <3> Function: (An + 1) ← (An), (A0) ← (A3) CY ← A3 The accumulator contents are rotated anticlockwise bit by bit. RLZ A <1> Instruction code: 1 11101001 1 <2> Cycle count: 1 <3> Function: If A = 0 reset else (An + 1) ← (An), (A0) ←(A3) CY ← A3 The accumulator contents are rotated anticlockwise bit by bit. If A = 0H at the time of command execution, an internal reset takes effect. |