| Zakładka z wyszukiwarką danych komponentów |
|
AN1105 Arkusz danych(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN1105 Arkusz danych(HTML) 22 Page - STMicroelectronics |
|
22 / 100 page ![]() 22/100 ST7 pCAN PERIPHERAL DRIVER void CAN_It_Dis(void): CAN_Status CAN_Get_Status (void): u8 CAN_Get_TEC(void): u8 CAN_Get_REC(void): CAN_Switch_Error CAN_Switch_Off(WakeUp_Cause): Description CAN Cell Power-on initialization routine. During its execution, all registers are initialized with values entered in can_custom.h or calculated from the compilation options chosen It initializes the transmission queue. This function must be called in the main routine prior to any use of the CAN cell. Possible return values: CAN_INIT_FAILURE and CAN_INIT_SUCCESS. Comments Calls CAN_Init() (See Section 3.2.2 "Internal Routines") Input -- Output -- Description Disables all CAN interrupts. Comments -- Input -- Output Current status of the cell Description Retrieves the current status of the CAN cell. Possible return values: CAN_STANDBY, CAN_BUS_PASSIVE, CAN_BUS_OFF and CAN_BUS_ACTIVE following the current state of the cell. Comments Useful if the STATUS_CHANGE_NOTIFICATION option is enabled in can_custom.h Input -- Output Value of the TECR register (Transmission Error Counter) Description Returns the value of the TECR Comments -- Input -- Output Value of the RECR register (Reception Error Counter) Description Returns the value of the RECR Comments -- Input Chip Wake-up function: BUS_WAKEUP or SOFT_WAKEUP Output Error status |