Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN1966 Arkusz danych(PDF) 11 Page - STMicroelectronics

Numer części AN1966
Szczegółowy opis  In most of their applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1966 Arkusz danych(HTML) 11 Page - STMicroelectronics

Back Button AN1966 Datasheet HTML 6Page - STMicroelectronics AN1966 Datasheet HTML 7Page - STMicroelectronics AN1966 Datasheet HTML 8Page - STMicroelectronics AN1966 Datasheet HTML 9Page - STMicroelectronics AN1966 Datasheet HTML 10Page - STMicroelectronics AN1966 Datasheet HTML 11Page - STMicroelectronics AN1966 Datasheet HTML 12Page - STMicroelectronics AN1966 Datasheet HTML 13Page - STMicroelectronics AN1966 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
AN1966
Experimental validation example
11/14
Figure 10. and Figure 11. show that the measured clamping voltages are much lower than
the specified values. This could be explained by two points. First, these measurements are
based on typical devices, and so do not cover our production dispersion. Secondly, the VCL
is specified for an 8/20 µs or a 10/1000 µs pulse shape. That means that the rise time and
the fall time (back to 50% of the peak value) of the current are respectively 8 µs and 20 µs
for the 8/20 wave shape. Here the current pulse lasts only a few hundreds of ns. The device
has no time to heat up. The clamping voltage is then lower than the one specified for an 8/20
shape.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14