Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN2146 Arkusz danych(PDF) 4 Page - STMicroelectronics

Numer części AN2146
Szczegółowy opis  STR71xF Embedded Flash Programming with ADS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2146 Arkusz danych(HTML) 4 Page - STMicroelectronics

  AN2146 Datasheet HTML 1Page - STMicroelectronics AN2146 Datasheet HTML 2Page - STMicroelectronics AN2146 Datasheet HTML 3Page - STMicroelectronics AN2146 Datasheet HTML 4Page - STMicroelectronics AN2146 Datasheet HTML 5Page - STMicroelectronics AN2146 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
STR71xF Embedded Flash Programming with ADS
4/6
4
Specify the pathname for your binary file, or click
Browse to select the file.
Note:
If the path name contains spaces you must enclose the pathname in quotes.
5
Click
OK. The Flash downloader reads your binary file and displays the download settings in the
Console processor view.
6
You can edit the settings if required, or press
Enter. AXD will display a message when the data has
been written to flash (see
Figure 3).
Note:
The Flash downloader lets you choose the start sector to write in. If you choose a start sector other
than zero, your image will be loaded in the specified sector, but when you boot from the on chip
Flash memory you will not see your program running.
7
If you downloaded your program at starting sector 0, then change the switch positions to boot from
Flash memory (see
Table 2) and reboot, you can see your program running.
Figure 3: Successful download to Flash memory
Table 2: STR710-EVAL switch configuration
Switch
Description
Position
• SW13
Boot mode 1:
System executes a “primary boot loader (ST-firmware)”
from Boot-FLASH then jumps to RAM
BOOTFLASH mapped at 0h
1-2
• SW14
Boot mode 0:
2-3
• SW15
Boot mode EN:
2-3



Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com