Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN2148 Arkusz danych(PDF) 1 Page - STMicroelectronics

Numer części AN2148
Szczegółowy opis  STOTG04 IN AUDIO CARKIT ENVIRONMENT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2148 Arkusz danych(HTML) 1 Page - STMicroelectronics

  AN2148 Datasheet HTML 1Page - STMicroelectronics AN2148 Datasheet HTML 2Page - STMicroelectronics AN2148 Datasheet HTML 3Page - STMicroelectronics AN2148 Datasheet HTML 4Page - STMicroelectronics AN2148 Datasheet HTML 5Page - STMicroelectronics AN2148 Datasheet HTML 6Page - STMicroelectronics AN2148 Datasheet HTML 7Page - STMicroelectronics AN2148 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
May 2005
1 - INTRODUCTION
This application note describes the application of the STOTG04 full-speed USB-OTG transceiver in an
audio carkit environment. The paper also illustrates the carkit use and operation, connection between
cellular phone and the carkit, physical connection and external circuitry of the STOTG04 required for a
correct operation. Proper setup of the internal registers of the STOTG04 needed for audio mode is also
described. The information in this application note is intended for system design engineers who plan to
use the STOTG04 transceiver as a USB-OTG physical layer device in equipment using the universal
serial bus even for audio signals.
Specification [3] defines a standard method for routing audio and UART signals to an analog carkit and
other accessories (chargers and RS232 devices) through a phone’s Mini-AB USB receptacle. A carkit
consists of a microphone, speaker, and Mini-B plug to connect a phone. It may also contain a button,
LED, and a cradle for the phone. The carkit may be integrated into a car stereo as shown in Figure 1. The
connection between a phone and a carkit can be provided using either a standard Mini-USB cable with
four wires plus shield or a captive cable with five wires plus shield.
The carkit interface is intended to enable the following features between a phone and a car stereo:
– phone charging
– hands free speakerphone
– push-to-talk
– stereo playback
– others (like telematics, navigation system, etc.)
As most phones currently support USB signaling, it is planned that car stereos will support USB too. It will
allow the transfer of following data using the universal serial bus:
– audio files
– video files
– images
– data
Figure 1 : Car Stereo Carkit Implementation
Mini-A Plug
Mini-B Plug
Car Stereo with Integrated Carkit
Cellular Phone
Car HiFi with Integrated Carkit
Car HiFi with Integrated Carkit
AN2148
APPLICATION NOTE
STOTG04 IN AUDIO CARKIT ENVIRONMENT
Rev. 1


Podobny numer części - AN2148

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Panasonic Semiconductor
AN214 PANASONIC-AN214 Datasheet
108Kb / 6P
CCD Video Camera Signal Processor ICs
logo
List of Unclassifed Man...
AN214 ETC2-AN214 Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
Panasonic Semiconductor
AN2141 PANASONIC-AN2141 Datasheet
210Kb / 5P
Video Camera Luminance Signal Processing Circuit
logo
STMicroelectronics
AN2141 STMICROELECTRONICS-AN2141 Datasheet
310Kb / 18P
LED array reference design board
22-Jan-2008
AN2142 STMICROELECTRONICS-AN2142 Datasheet
705Kb / 16P
This document provides an introduction to the Tasking toolchain
24-Sep-2013
More results

Podobny opis - AN2148

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
ISP1109 PHILIPS-ISP1109 Datasheet
295Kb / 59P
Universal Serial Bus transceiver with carkit support
Rev. 01-14 July 2005
logo
Broadcom Corporation.
BCM1600-BTE BOARDCOM-BCM1600-BTE Datasheet
437Kb / 2P
BTE-AUDIO SOFTWARE AND DEVELOPMENT ENVIRONMENT
logo
SanRex Corporation
TMG40CQ60J SANREX-TMG40CQ60J Datasheet
73Kb / 2P
use in high temperature environment
TMG40CQ60L SANREX-TMG40CQ60L Datasheet
97Kb / 2P
use in high temperature environment
logo
STMicroelectronics
UM0212 STMICROELECTRONICS-UM0212 Datasheet
264Kb / 13P
STOTG04 USB OTG full-speed
19-Nov-2008
AN2484 STMICROELECTRONICS-AN2484 Datasheet
674Kb / 10P
STOTG04 in power down mode
03-Apr-2007
logo
TXC Corporation.
AX-SERIES TXC-AX-SERIES Datasheet
974Kb / 1P
Superior and reliable performance in harsh environment.
logo
Murata Manufacturing Co...
NCP15WL473J03RC MURATA1-NCP15WL473J03RC_V01 Datasheet
563Kb / 3P
Excellent solderability and high stability in environment
10/11/2022
NCP15WM154J03RC MURATA1-NCP15WM154J03RC_V01 Datasheet
566Kb / 3P
Excellent solderability and high stability in environment
10/11/2022
NCP03XH103F05RL MURATA1-NCP03XH103F05RL_V01 Datasheet
582Kb / 3P
Excellent solderability and high stability in environment
10/11/2022
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com