Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LT1500 Arkusz danych(PDF) 13 Page - Linear Technology

Numer części LT1500
Szczegółowy opis  Adaptive-Frequency Current Mode Switching Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LINER [Linear Technology]
Strona internetowa  http://www.linear.com
Logo LINER - Linear Technology

LT1500 Arkusz danych(HTML) 13 Page - Linear Technology

Back Button LT1500 Datasheet HTML 8Page - Linear Technology LT1500 Datasheet HTML 9Page - Linear Technology LT1500 Datasheet HTML 10Page - Linear Technology LT1500 Datasheet HTML 11Page - Linear Technology LT1500 Datasheet HTML 12Page - Linear Technology LT1500 Datasheet HTML 13Page - Linear Technology LT1500 Datasheet HTML 14Page - Linear Technology LT1500 Datasheet HTML 15Page - Linear Technology LT1500 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LT1500/LT1501
APPLICATIONS INFORMATION
and it should be no more than 300k to keep bias current
errors under 1%, giving:
R
RV
V
R
R
V
DIV
BAT
BAT
3
124
4
31 24
124
=
()
=
()
.
.
–.
VBAT = low battery voltage
RDIV = Thevenin divider resistance = R3 in parallel with R4
There is about 20mV of hysteresis at the LBI pin. Hyster-
esis can be increased by adding a resistor (R5) from the
output (LBO) back to LBI. This resistor can be calculated
from the following equation, but note that the equation for
R4 will have to be changed when R5 is added.
R
RV
VmV V
CC
HYST
BAT
5
3
17
=
()
()
(
)
–
VCC = supply voltage for LBO pull-up resistor
VHYST = desired hysteresis at the battery
R4 (When R5 is Used) =
R3 R5
()( )
−
()+−
()
124
5
1 24
3
1 24
.
..
RV
R V
BAT
CC
The LBO pin is open collector. The external pull-up resistor
value is determined by user needs. Generally the resistor
is 100k to 1M to keep current drain low, but the LBO pin
can sink several milliamperes if needed.
Example: low battery voltage = 2.5V, desired hysteresis =
200mV, VCC = 5V.
Use RDIV = 150k
R
k
R
kV
3
150 2 5
124
302
5
301 5
02
0017 25
9
=
()
=
=
()
()
()
=
.
.
.– .
.
k (use 301k, 1%)
.56M (Use 10M)
R
kM
Mk
4
301 10
1 24
10
2 5 1 24
301 5 1 24
=
()( )( )
−
()+−
()
=
.
..
.
272k (Use 274k 1%)
The total divider resistance will be 274k + 301k = 575k, and
this will draw about 7
µA from a fully charged battery.
Synchronizing
The SYNC pin on the LT1500 can be used to synchronize
switching frequency to an external clock. The pin should
be driven with a 50ns to 300ns pulse which will trigger the
switch to an on state. There is a fairly restricted range over
which synchronizing will work, because the period between
sync pulses must be greater than the natural on-time of
the regulator when it is running unsynchronized, and the
sync frequency must be greater than the unsynchronized
switching frequency. This puts the following restrictions
on synchronized operation:
ff
f
fV
VV
SYNC
NATURAL
SYNC
NATURAL
OUT
OUT
IN
>
<
()
–
(Use Minimum V )
IN
fNATURAL is the natural unsynchronized switching fre-
quency of the regulator. It is a function of load current, so
a careful check must be done to ensure that the above
conditions are met under all load and input voltage condi-
tions.
Soft Start (SS)
The LT1500 can be soft started by connecting a capacitor
to the SS pin. This pin is the base of a PNP transistor
whose emitter is tied to the VC pin. Soft start action will
occur over the range of 0V to 0.8V on the SS pin and the
pin is clamped at 1.2V with an internal clamp. An internal
4
µA pull-up current and the external capacitor value
determine soft start time. In a typical application a 0.22
µF
capacitor is sufficient to limit input surges and prevent
output overshoot, even with overcompensation on the VC
pin. Output voltages greater than 6V with very large output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com