| Zakładka z wyszukiwarką danych komponentów |
|
HD74LVCZ244AFPEL Arkusz danych(PDF) 4 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD74LVCZ244AFPEL Arkusz danych(HTML) 4 Page - Renesas Technology Corp |
|
4 / 11 page ![]() HD74LVCZ244A Rev.3.00 Aug. 18, 2004 page 2 of 8 Pin Arrangement (Top view) 17 18 15 16 19 20 11 12 13 14 VCC 2 G 1Y1 2A4 1Y2 2A3 1 2 3 4 5 6 7 8 9 10 1 G 1A1 2Y4 1A2 2Y3 1A3 2Y2 1A4 2Y1 GND 1Y3 2A2 1Y4 2A1 Absolute Maximum Ratings Item Symbol Ratings Unit Conditions Supply voltage VCC –0.5 to 7.0 V Input voltage VI –0.5 to 7.0 V –0.5 to 7.0 Output “Z” or VCC : OFF Output voltage VO –0.5 to VCC+0.5 V Output “H” or “L” Input diode current IIK –50 mA VI < 0 Output diode current IOK –50 mA VO < 0 Output current IO ±50 mA VCC, GND current ICC or IGND ±100 mA Storage temperature Tstg –65 to 150 °C Note: The absolute maximum ratings are values, which must not individually be exceeded, and furthermore, no two of which may be realized at the same time. |