Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

VS-15MQ040NPBF Arkusz danych(PDF) 1 Page - Vishay Siliconix

Numer części VS-15MQ040NPBF
Szczegółowy opis  High Performance Schottky Rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-15MQ040NPBF Arkusz danych(HTML) 1 Page - Vishay Siliconix

  VS-15MQ040NPBF Datasheet HTML 1Page - Vishay Siliconix VS-15MQ040NPBF Datasheet HTML 2Page - Vishay Siliconix VS-15MQ040NPBF Datasheet HTML 3Page - Vishay Siliconix VS-15MQ040NPBF Datasheet HTML 4Page - Vishay Siliconix VS-15MQ040NPBF Datasheet HTML 5Page - Vishay Siliconix VS-15MQ040NPBF Datasheet HTML 6Page - Vishay Siliconix VS-15MQ040NPBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
VS-15MQ040NPbF
www.vishay.com
Vishay Semiconductors
Revision: 23-May-14
1
Document Number: 94141
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Performance Schottky Rectifier, 3 A
FEATURES
• Surface mountable
• Extremely low forward voltage
• Compact size
• Improved reverse blocking voltage capability relative to
other similar size Schottky
• Meets MSL level 1, per J-STD-020, LF maximum peak
of 260 °C
• Designed and qualified for industrial level
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Switching power supplies
• Meter protection
• Reverse protection for power input to PC board circuits
• Battery isolation and charging
• Low threshold voltage diode
• Freewheeling or by-pass diode
• Low voltage clamp
DESCRIPTION
The VS-15MQ040NPbF Schottky rectifier is designed to be
used for low power applications where a reverse voltage of
40 V is encountered and surface mountable is required.
PRODUCT SUMMARY
Package
SMA
IF(AV)
3 A
VR
40 V
VF at IF
0.43 V
IRM
20 mA at 125 °C
TJ max.
150 °C
Diode variation
Single die
EAS
6.0 mJ
Cathode
Anode
SMA
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IF(AV)
DC
3
A
VRRM
40
V
IFSM
tp = 5 μs sine
330
A
VF
2 Apk, TJ = 125 °C
0.43
V
TJ
Range
-40 to +150
°C
VOLTAGE RATINGS
PARAMETER
SYMBOL
VS-15MQ040NPbF
UNITS
Maximum DC reverse voltage
VR
40
V
Maximum working peak reverse voltage
VRWM


Podobny numer części - VS-15MQ040NPBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
VS-15MQ040NPBF VISHAY-VS-15MQ040NPBF Datasheet
111Kb / 6P
Schottky Rectifier, 3 A
23-May-14
VS-15MQ040NPBF VISHAY-VS-15MQ040NPBF_15 Datasheet
115Kb / 6P
High Performance Schottky Rectifier, 1.5 A
16-Feb-15
More results

Podobny opis - VS-15MQ040NPBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
VS-20MQ060PBF VISHAY-VS-20MQ060PBF Datasheet
117Kb / 7P
High Performance Schottky Rectifier
16-Feb-15
VS-40L15CTSPBF VISHAY-VS-40L15CTSPBF_15 Datasheet
154Kb / 9P
High Performance Schottky Rectifier
24-Jul-14
VS-MBRS190-M3 VISHAY-VS-MBRS190-M3 Datasheet
125Kb / 8P
High Performance Schottky Rectifier
26-Aug-14
VS-19TQ015SPBF VISHAY-VS-19TQ015SPBF Datasheet
153Kb / 8P
High Performance Schottky Rectifier
28-May-14
VS-47CTQ020SPBF VISHAY-VS-47CTQ020SPBF Datasheet
161Kb / 9P
High Performance Schottky Rectifier
09-Dec-14
VS-120NQ045PBF VISHAY-VS-120NQ045PBF_17 Datasheet
140Kb / 6P
High Performance Schottky Rectifier, 120 A
11-May-17
VS-121NQ045PBF VISHAY-VS-121NQ045PBF_17 Datasheet
140Kb / 6P
High Performance Schottky Rectifier, 120 A
08-May-17
VS-180NQ045PBF VISHAY-VS-180NQ045PBF_17 Datasheet
142Kb / 6P
High Performance Schottky Rectifier
08-May-17
VS-242NQ030PBF VISHAY-VS-242NQ030PBF_17 Datasheet
141Kb / 6P
High Performance Schottky Rectifier, 240 A
08-May-17
VS-245NQ015PBF VISHAY-VS-245NQ015PBF_17 Datasheet
144Kb / 6P
High Performance Schottky Rectifier
08-May-17
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com