Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN2647 Arkusz danych(PDF) 4 Page - STMicroelectronics

Numer części AN2647
Szczegółowy opis  Using the STR91xFA external memory interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2647 Arkusz danych(HTML) 4 Page - STMicroelectronics

  AN2647 Datasheet HTML 1Page - STMicroelectronics AN2647 Datasheet HTML 2Page - STMicroelectronics AN2647 Datasheet HTML 3Page - STMicroelectronics AN2647 Datasheet HTML 4Page - STMicroelectronics AN2647 Datasheet HTML 5Page - STMicroelectronics AN2647 Datasheet HTML 6Page - STMicroelectronics AN2647 Datasheet HTML 7Page - STMicroelectronics AN2647 Datasheet HTML 8Page - STMicroelectronics AN2647 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
Interfacing with asynchronous memory
AN2647
4/34
1
Interfacing with asynchronous memory
1.1
Multiplexed or non-multiplexed EMI bus selection
The multiplexed EMI bus is selected if you have a 16-bit system bus or using 16-bit memory
device. The multiplexed bus requires a 16-bit address latch, as most memory devices do not
accept multiplexed address/data input.
The 8-bit non-multiplexed bus is suitable for 8-bit memory or I/O devices. In this
configuration, the EMI memory banks are limited to 64 KB each, as there are only 16
address lines available.
In general the non-multiplexed bus has a shorter bus cycle that can be completed in one bus
clock period (tBCLK) while the multiplexed bus takes minimum of 3 BCLK clocks. The
multiplexed bus has a 16 bit data bus, and can provide high data transfer rate for memory
device like PSRAM that supports burst mode. The DMA Controller can be programmed to
perform burst data transfer between the internal SRAM and the EMI bus.
1.1.1
Multiplexed EMI bus configuration
The multiplexed bus has different bus signals and port assignments than the non-
multiplexed bus. As shown in Table 1, Ports 8 and 9 provide the multiplexed 16 bit address
and data bus (AD0-AD15), the optional higher address A16-A23 are assigned to Port 7.
Figure 1. & Figure 2. show a typical EMI multiplexed bus connecting to two 16-bit memory
devices: a 4 MB ISSI SRAM and a 4 MB SPANSION Flash memory. The SN74LVC16373A
is a high speed 16-bit address latch with maximum tPD delay of 4.2 ns. Note only four pins
on Port 7 are address lines, the remaining four pins are for other I/O functions.
Table 1.
Multiplexed bus signals
Signal name
Pin / Port assignment
Signal description
AD0-AD7
Port 8
Multiplexed address/data bus AD0-AD7
AD8-AD15
Port 9
Multiplexed address/data bus AD8-AD15
A16-A23
Port 7
Address A16-A23, pin configurable
ALE
EMI_ALE
Address Latch signal. Polarity and width is programmable
Read
EMI_RDn
Read signal
Write Low
(Low Byte Select)
EMI_BWRn
(EMI_WRLn or EMI_LBn)
Low Byte (D0-D7) Write signal or
Low Byte Select signal.
Write High
(High Byte Select)
EMI_WRHn
(EMI_UBn)
High Byte (D8-D15) Write signal or
High Byte Select signal
Write Enable
EMI_WEn
Write Enable signal, use together with the UB/LB byte
select signals in synchronous mode.
CS0-CS3
Port 0(P0.4-P0.7) or
Port 5 (P5.4-P5.7) or
Port 7 (P7.4-P7.7)
One chip select for each of the 4 Memory Banks.Can be
assigned to any of the 3 port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com