Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN2715 Arkusz danych(PDF) 7 Page - STMicroelectronics

Numer części AN2715
Szczegółowy opis  IBIS models for signal integrity simulation of SPEAr600 applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2715 Arkusz danych(HTML) 7 Page - STMicroelectronics

Back Button AN2715 Datasheet HTML 3Page - STMicroelectronics AN2715 Datasheet HTML 4Page - STMicroelectronics AN2715 Datasheet HTML 5Page - STMicroelectronics AN2715 Datasheet HTML 6Page - STMicroelectronics AN2715 Datasheet HTML 7Page - STMicroelectronics AN2715 Datasheet HTML 8Page - STMicroelectronics AN2715 Datasheet HTML 9Page - STMicroelectronics AN2715 Datasheet HTML 10Page - STMicroelectronics AN2715 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AN2715
DDR IBIS model selection
Doc ID 14454 Rev 1
7/12
The correlation between bits 0-8 (or 0-7) of the model group names and the bits of each
register is given below:
●
Register SSTLPAD_CFG_CTR (Address 0xFCA800F0).
b7 = SSTLPAD_CFG_CTR [15] = dram_type (1 = DDR2 interface)
b6 = SSTLPAD_CFG_CTR [3] = drive_mode_s_w (1 = Weak drive strength)
b5 = SSTLPAD_CFG_CTR [2] = prog_a (slope of the signals. 00 = slower slope)
b4 = SSTLPAD_CFG_CTR [1] = prog_b (slope of the signals. 11 = higher slope)
b3 = Internal level forced to zero.
b2 = Two cases:
–
Internal level forced to zero for CLKP or CLKN signals.
–
SSTLPAD_CFG_CTR [12] = pseudo_dif_
This is the bit register value for the signals DQS & nDQS (0 = diff. sig.).
●
Register MEM11_CTL [1:0] (Address 0xFC60002C) = rtt_pad_terminat[1:0].
The following table is for the DQS, nDQS and DQ signals only. For all the other signals
b1 = b0 = 0 (no ODT).
Note:
“-“ means “don’t care”.
5.1
Example
The setting of the registers SSTLPAD_CFG_CTR and MEM11_CTL is normally done at
each system boot-up by the XLOADER part of the boot code.
Let’s assume, as an example, that at the end of the boot operation the application reads
these two registers and finds the following values:
●
Register SSTLPAD_CFG_CTR (Address 0xFCA800F0) = 0x0000EAAD.
●
Register MEM11_CTL Register (Address 0xFC60002C) = 0x03000002.
The correct model to be selected from the library with the above values is the following:
Table 6.
DQS, nDQS and DQ on die termination (ODT)
MEM11_CTL [1]
MEM11_CTL [0]
B1
B0
Description
00
0
-
ODT disabled
0
1
1
1
ODT= 75 Ohm
1
0
1
0
ODT = 150 Ohm
11
Reserved
Table 7.
Example of relation between DDR block signals and the used model
DDR block signal name
IBIS model used for application board
DDR_CLKP & DDR_CLKN
DDR_DIFF_[b7:b0] = DDR_DIFF_11100000
DDR_DQS_0 & nDDR_DQS_0
DDR_DQS_1 & nDDR_DQS_1
If READ => DDR_DIFF_[b7:b0] = DDR_DIFF_11100010
If WRITE => DDR_DIFF_[b7:b0] = DDR_DIFF_11100000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com