Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN3029 Arkusz danych(PDF) 24 Page - STMicroelectronics

Numer części AN3029
Szczegółowy opis  Getting started with STM8L and STM8AL
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3029 Arkusz danych(HTML) 24 Page - STMicroelectronics

Back Button AN3029 Datasheet HTML 20Page - STMicroelectronics AN3029 Datasheet HTML 21Page - STMicroelectronics AN3029 Datasheet HTML 22Page - STMicroelectronics AN3029 Datasheet HTML 23Page - STMicroelectronics AN3029 Datasheet HTML 24Page - STMicroelectronics AN3029 Datasheet HTML 25Page - STMicroelectronics AN3029 Datasheet HTML 26Page - STMicroelectronics AN3029 Datasheet HTML 27Page - STMicroelectronics AN3029 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
STM8 development tools
AN3029
24/42
DocID16139 Rev 5
8.2.2
STice in emulation configuration
In emulation configuration, the STice is connected to the PC via a USB interface and to the
application board in place of the target microcontroller being used.
•
Connection flex: Flexible cable (60-pin or 120-pin depending on the target
microcontroller) that relays signals from the STice to the application board.
•
Connection adapter: Links the connection flex to the footprint of the target
microcontroller on the users application board.
•
Adapter socket: Socket that solders to the application board in place of the
microcontroller and receives the connection adapter.
The above accessories are not included with the STice system. To determine exactly what
is required for any supported microcontroller, refer to the online product selector on
www.st.com.
Figure 14. STice in emulation configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42