Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN3218 Arkusz danych(PDF) 3 Page - STMicroelectronics

Numer części AN3218
Szczegółowy opis  Adjacent channel rejection measurements for the STM32W108 platform
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3218 Arkusz danych(HTML) 3 Page - STMicroelectronics

  AN3218 Datasheet HTML 1Page - STMicroelectronics AN3218 Datasheet HTML 2Page - STMicroelectronics AN3218 Datasheet HTML 3Page - STMicroelectronics AN3218 Datasheet HTML 4Page - STMicroelectronics AN3218 Datasheet HTML 5Page - STMicroelectronics AN3218 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AN3218
Interferer waveforms
Doc ID 17543 Rev 2
3/6
Figure 1.
Comparison of spectra, 25 MHz span
It can be seen that the heavily filtered 15.4 signal generated by the signal generator is not
representative of either type of modulation technique, and therefore does not give a useful
measure of real performance.
At 10 MHz there is a difference between the two modulation methods of about 10 dB. This
means that the vector-modulated signal could show a better ACR if the receiver's own
rejection is high enough. However, quoted alternate channel measurements should still use
an ideal signal since a system designer cannot know what type of transmitter is used in the
interfering node(s).
Note that the standard specifies using an 802.15.4 signal of pseudo-random data for the
interferer. This is not the same as using a signal generator to generate an MSK signal with
pseudo-random chips, although the effect on ACR is small. The difference between random
MSK chips and random 15.4 symbols is the dip in the spectrum at 0 Hz offset.



Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com