| Zakładka z wyszukiwarką danych komponentów |
|
AN3258 Arkusz danych(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3258 Arkusz danych(HTML) 12 Page - STMicroelectronics |
|
12 / 16 page ![]() HSI calibration AN3258 12/16 Doc ID 17825 Rev 1 In Figure 5, the software example has been implemented with (LDUM = 0). After the LIN reception of the LIN header interrupt and the execution of the calibration routine, the LDIV is loaded with LDIV_NOM by writing the LINUART_BRR1. Figure 5. LDIV read/write operations when LDUM = 0 In the case of LDUM = 1 (see Figure 6), the LDUM bit has to set by software before the LIN checksum reception. In this way, the LDIV_NOM is loaded into LDIV at the end of character reception. Figure 6. LDIV read/write operations when LDUM = 1 LDIV LDIV_NOM Baud rate Read LINUART_BRR1 Write LINUART_BRR2 Update at end of synch field LDIV[3:0] LDIV[11:4] LDIV_MEAS Write LINUART_BRR1 Read LINUART_BRR2 generation LIN sync field measurement Write LINUART_BRR1 LDIV[15:2] LDIV[3:0] LDIV[7:0] LDIV[15:12] LDIV[3:0] LDIV[11:4] LDIV[15:12] LDIV LDIV_NOM Baud rate Read LINUART_BRR1 Write LINUART_BRR2 Update RXNE=1 at end of synch field LDIV_MEAS Write LINUART_BRR1 Read LINUART_BRR2 generation LIN sync field measurement LDUM is reset LDIV[3:0] LDIV[11:4] LDIV[15:12] LDIV[3:0] LDIV[11:4] LDIV[15:12] LDIV[3:0] LDIV[11:4] LDIV[15:12] |