| Zakładka z wyszukiwarką danych komponentów |
|
AN3311 Arkusz danych(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3311 Arkusz danych(HTML) 28 Page - STMicroelectronics |
|
28 / 58 page ![]() In-home display firmware AN3311 28/58 Doc ID 18209 Rev 1 sinkAdvertise(); vTaskDelay(2000); //20 sec } } The application simulates the behavior of the system in a 24 hour period considering an hour as equal to 20 seconds. After 24 hours (simulated), it resets the array values, so the GraphCharts and the histograms show a maximum value set to zero. 6.2.2 vGraphicLibraryTask Table 12 describes the vGraphicLibraryTask task: This function checks if an input device has been stimulated (touchscreen or joystick/button) and calls the graphic library relative function according to the object pressed. Example: static void vGraphicLibraryTask( void *pvParameters ) { /* Menu Initialization*/ MENU_DeInit(); CursorShow(195, 50); /* Infinite main loop ------------------------------------------------------*/ while (1) { ProcessTouchScreenData(); /*Time out calculate for power saving mode*/ TimeOutCalculate(); #ifdef USE_STM3210C_EVAL if (restart_calibration==1) { TS_Calibration(); restart_calibration = 0; MENU_DeInit(); } CursorReadJoystick(IOEXP_MODE); TSC_Read(); #else Table 12. vGraphicLibraryTask task Function name vGraphicLibraryTask Function prototype void vGraphicLibraryTask(void *pvParameters) Behavior description Check if an input device has been stimulated (touchscreen or joystick/button) Input parameter {x} None Output parameter {x} None Return value None Required preconditions None Called functions No API/HAL layer functions; |