| Zakładka z wyszukiwarką danych komponentów |
|
AN3413 Arkusz danych(PDF) 8 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3413 Arkusz danych(HTML) 8 Page - STMicroelectronics |
|
8 / 18 page ![]() Application description AN3413 8/18 DocID018933 Rev 2 1.5.2 Bias current record This operation consists of storing the bias current value of operational amplifier A (see Figure 2) in the data memory. The bias current value is taken into account for low power measurements in order to minimize measurement errors. Once recorded, this value is kept in non-volatile memory for later use. It is recommended to perform this operation when you start your evaluation in order to obtain the best precision. This mode is only accessible at application power-up by executing the following steps in the order below: 1. Switch OFF STM32L1xx DISCOVERY 2. Place JP1 in OFF position (IDD measurement disabled) 3. Keep USER push-button pressed while powering ON the STM32L1xx DISCOVERY 4. At power on, a scrolling message “Bias Current” is displayed 5. Release the USER push-button; the bias current value is displayed and immediately stored in non-volatile memory Once this operation completed, replace JP1 in ON position so that the measurement circuitry is connected again to the STM32L152 (IDD measurement enabled). 1.5.3 Manufacturing test You can access this mode while Demo mode is running, by pressing the USER push-button for more than 3 seconds and by releasing it. This allows you to verify that the hardware modules needed by the STM32L1xx DISCOVERY for this example are working properly. In this mode, application checks the LSE oscillator (Low Speed External), VDD voltage value, IDD RUN, OA bias and LP (low power) IDD currents. The currents are tested for lower and upper limits. For each test function, the application displays “OK” and the measured values when available. If all checks are successfully completed, then the message “TEST OK” is continuously displayed. If one of the tests fails, then the application alerts the user by continuously displaying the test name followed by “NO OK”. To exit this manufacturing test, press the RESET button. Note: Generally, if the manufacturing test is not successful, first check that JP1 is placed in the ON position and that all solder bridges are in default position. If errors are found in the Low Low power run / Low power sleep STOP / STOP without LCD STANDBY mode Table 1. Bars and LCD display linked to functions (continued) Function Bars |
|
|
Link URL |
| Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Link do karty katalogowej | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |