Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN3431 Arkusz danych(PDF) 5 Page - STMicroelectronics

Numer części AN3431
Szczegółowy opis  How to design a PresSense pressure touch button
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3431 Arkusz danych(HTML) 5 Page - STMicroelectronics

  AN3431 Datasheet HTML 1Page - STMicroelectronics AN3431 Datasheet HTML 2Page - STMicroelectronics AN3431 Datasheet HTML 3Page - STMicroelectronics AN3431 Datasheet HTML 4Page - STMicroelectronics AN3431 Datasheet HTML 5Page - STMicroelectronics AN3431 Datasheet HTML 6Page - STMicroelectronics AN3431 Datasheet HTML 7Page - STMicroelectronics AN3431 Datasheet HTML 8Page - STMicroelectronics AN3431 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
AN3431
Principle of operation
Doc ID 019017 Rev 1
5/18
1
Principle of operation
In both traditional and PresSense capacitive sensing technologies, the change in
capacitance caused by the user is measured by a sensor. In traditional capacitive sensing
technology, the sensor pad forms one side of a parallel capacitor and the user’s finger forms
the other side. If the user brings his finger closer to the pad, the distance (d) between his
finger and the sensor pad decreases according to Equation 1. Consequently, the
capacitance (C) increases.
Equation 1: Parallel plate capacitor
Where
εR = relative permittivity, ε0 = vacuum permittivity, and A = area.
In PresSense technology, the concept of the parallel plate capacitor still applies, except that
the second plate is not the finger of the user but a conductive material with a fixed potential
suspended over the sensor pad. When a user applies a force to the conductive material
above the sensor pad, a slight local deflection is created in the material. Consequently, the
distance (d) between the two plates alters.
The conductive material, used as a top cover, must be kept at a fixed potential. In some
cases, the external metallic part of the system must be connected to earth for safety
reasons. The conductive top cover can be connected to earth but, in this case, the electronic
touch sensing must be referred to earth.
Figure 1 shows a cross section of a typical PresSense button when it is unpressed.
Figure 1.
PresSense technology: cross section of an unpressed button
Figure 2 shows a cross section of a typical PresSense button when it is pressed.
C
ξ
Rξ 0 Ad
⁄
()
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com