| Zakładka z wyszukiwarką danych komponentów |
|
AN3955 Arkusz danych(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3955 Arkusz danych(HTML) 28 Page - STMicroelectronics |
|
28 / 68 page ![]() ISO/IEC 14443-3 layers AN3955 28/68 Doc ID 022017 Rev 1 5.1.5 Functions of ISO/IEC 14443_A layer The lib_iso14443A.c file includes all the commands defined in the ISO/IEC 14443-3 Type A specifications. Table 27 lists the command to configure the CR95HF in order to communicate with an ISO/IEC 14443-3 Type A tag. Table 28 lists the functions of this layer which emit an ISO/IEC 14443-3 Type A command. A CR95HF response includes different information fields extracted by the following functions. Table 29 describes the ISO14443A_ProtocolSelect function. Table 29. ISO14443A_ProtocolSelect function description Table 27. Configuration of the CR95HF Function Description ISO14443A_ProtocolSelect Configures CR95HF to communicate with an ISO/IEC 14443 Type A contactless tag. Table 28. ISO/IEC 14443-3 Type A layer function description Function Description ISO14443A_REQA Sends a REQA command to a contactless tag. ISO14443A_WUPA Sends a WUPA command to a contactless tag. ISO14443A_HLTA Sends an HLTA command to a contactless tag. ISO14443A_AntiCollisionLevel1 Sends an anti-collision command (Level 1) to a contactless tag. ISO14443A_AntiCollisionLevel2 Sends an anti-collision command (Level 2) to a contactless tag. ISO14443A_AntiCollisionLevel3 Sends an anti-collision command (Level 3) to a contactless tag. ISO14443A_SelectLevel1 Sends a select command (Level 1) to a contactless tag. ISO14443A_SelectLevel2 Sends a select command (Level 2) to a contactless tag. ISO14443A_SelectLevel3 Sends a select command (Level 3) to a contactless tag. Function Description ISO14443A_ProtocolSelect Configures CR95HF to communicate with an ISO/IEC 14443 Type A contactless tag. |