| Zakładka z wyszukiwarką danych komponentów |
|
PM0044 Arkusz danych(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0044 Arkusz danych(HTML) 12 Page - STMicroelectronics |
|
12 / 162 page ![]() Glossary PM0044 12/162 Doc ID 13590 Rev 3 2 Glossary mnem mnemonic src source dst destination cy duration of the instruction in CPU clock cycles (internal clock) lgth length of the instruction in byte(s) op-code instruction byte(s) implementation (1..4 bytes), operation code. mem memory location imm immediate value off offset ptr pointer pos position byte a byte word 16-bit value short represent a short 8-bit addressing mode long represent a long 16-bit addressing mode EA Effective Address: The final computed data byte address Page Zero all data located at [00..FF] addressing space (single byte address) (XX) content of a memory location XX XX a byte value ExtB Extended byte MS Most Significant byte of a 16-bit value (MSB) LS Least Significant byte of a 16-bit value (LSB) A Accumulator register X 16-bit X Index register Y 16-bit Y Index register reg A, XL or YL register (1-byte LS part of X/Y), XH or YH (1-byte MS part of X/Y) ndx index register, either X or Y PC 24-bit Program Counter register SP 16-bit Stack Pointer S Stack Pointer LSB CC Condition Code register |