| Zakładka z wyszukiwarką danych komponentów |
|
TN0280 Arkusz danych(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TN0280 Arkusz danych(HTML) 7 Page - STMicroelectronics |
|
7 / 12 page ![]() TN0280 RF commands supported Doc ID 17392 Rev 1 7/12 4 RF commands supported LRI2K and LRI1K support the same command set. Table 4. RF commands Command LRI2K LRI1K Inventory Yes Yes Stay quiet Yes Yes Read single block Yes Yes Write single block Yes Yes Lock block Yes Yes Read multiple block Up to 64 blocks Up to 32 blocks Select Yes Yes reset to ready Yes Yes Write AFI Yes Yes Lock AFI Yes Yes Write DSFID Yes Yes Lock DSFID Yes Yes Get system info See Section 5 See Section 5 Get Multiple block security status Up to 64 blocks Up to 32 blocks(1) 1. See LRI1K datasheet for a description of get multiple block security status Kill Yes Yes Write kill Yes Yes Lock Kill Yes Yes Fast Read Single block Yes Yes Fast read Multiple Block Up to 64 blocks with roll over Up to 32 blocks with roll over Fast Inventory Initiated Yes Yes Inventory Initiated Yes Yes Initiate Yes Yes Fast initiate Yes Yes |