| Zakładka z wyszukiwarką danych komponentów |
|
UM0224 Arkusz danych(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0224 Arkusz danych(HTML) 14 Page - STMicroelectronics |
|
14 / 34 page ![]() Running the demonstrations STR75x demonstration software 14/34 2.3.3 External interrupts All External interrupts except the Key (EXTIT Line 7) are disabled in "SEL" function execution. The Key push button (EXTIT Line 7) is only enabled in voice recorder (To start and to stop recording) application or if an alarm is occurred (To stop the alarm wave). 2.3.4 SMI Flash memory organization The SMI Flash is used to store the Promotion speech, the OSIRIS wave, the recorded wave, the wave test (in board self test) and the alarm wave. Below the SMI memory organization: Figure 5. SMI Flash memory organization Table 3. STR750 Demo External Interrupts External Interrupts Used for EXTIT Line 0 JoyStick SEL push-button: menu navigation EXTIT Line 3 JoyStick UP push-button: menu navigation EXTIT Line 8 JoyStick DOWN push-button: menu navigation EXTIT Line 12 JoyStick LEFT push-button: menu navigation EXTIT Line 13 JoyStick RIGHT push-button: menu navigation EXTIT Line 7 Key push-button: Alarm stop and voice recorder application EXTIT Line 15 RTC Alarm: Wake-up from low power modes 0x807FFFFF 0x80400000 0x80000000 0x80700000 0x80100000 TEST WAVE FOR FUTURE USE RECORDED WAVE PROMOTION SPEECH OSIRIS 0x80600000 ALARM WAVE 0x80620000 |