Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UM0277 Arkusz danych(PDF) 23 Page - STMicroelectronics

Numer części UM0277
Szczegółowy opis  Getting started with the Cold Thermostat Kit based on AC switches and ST7LITE MCU
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0277 Arkusz danych(HTML) 23 Page - STMicroelectronics

Back Button UM0277 Datasheet HTML 19Page - STMicroelectronics UM0277 Datasheet HTML 20Page - STMicroelectronics UM0277 Datasheet HTML 21Page - STMicroelectronics UM0277 Datasheet HTML 22Page - STMicroelectronics UM0277 Datasheet HTML 23Page - STMicroelectronics UM0277 Datasheet HTML 24Page - STMicroelectronics UM0277 Datasheet HTML 25Page - STMicroelectronics UM0277 Datasheet HTML 26Page - STMicroelectronics UM0277 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
UM0277
Wiring connections
23/32
Appendix B
Wiring connections
For the NTC thermistor, you just have to connect its terminals to the “NTC” connector. Its
wires can be connected in any way as it is just a resistor.
The same procedure can be achieved for the Light Bulb and Defrost resistors.
For the motor, things are more complex. The two following figures show where the RUN and
LINE terminals are usually located for most compressor starters. These two terminals must
be connected to the board “motor” header.
Figure 15.
Compressor starter, case 1
Figure 16.
Compressor starter with Klixon, case 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32