Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UM0375 Arkusz danych(PDF) 7 Page - STMicroelectronics

Numer części UM0375
Szczegółowy opis  STR9 LCD extension board
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0375 Arkusz danych(HTML) 7 Page - STMicroelectronics

  UM0375 Datasheet HTML 1Page - STMicroelectronics UM0375 Datasheet HTML 2Page - STMicroelectronics UM0375 Datasheet HTML 3Page - STMicroelectronics UM0375 Datasheet HTML 4Page - STMicroelectronics UM0375 Datasheet HTML 5Page - STMicroelectronics UM0375 Datasheet HTML 6Page - STMicroelectronics UM0375 Datasheet HTML 7Page - STMicroelectronics UM0375 Datasheet HTML 8Page - STMicroelectronics UM0375 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
UM0375
STR9 LCD extension
7/9
1.5
Bill of materials
Table 3.
Bill of materials
Label
Package
Comment
Order code
C01
0603
100 nF
Farnell: 422-6859
(X7R, 16 V)
C02
3528_AB_REV2
2.2 µF
Farnell: 757-720
(STD, 10 V)
C03
0603
10 nF
Farnell: 422-6938
(X7R, 50 V)
CN0
DC10B
5-35 V
GM: K375A
CN3
HDR2X10
EXTENDED_CON
GM: MLW20G
LCD1
HDR1X20H
Header 20H
GM: S2G20
D01
SMA2
STPS140A
ST: STPS140A
PW1
DPAK
LF33/50xDT
ST: LF33/50xDT
R1
TrimrPK50
PK50HK005
GM: PK50HK005
R20
TrimrPK50
PK50HE100
GM: PK50HE100
R21
0805
5R
R30-R37
R90-R97
0603
10k
Ω
GM: R0603-10k
Ω
SW0-SW5,
SW15-SW18, SW20,
SW35
HDR1X3
-
GM: S1G36
(36pins=12*3)



Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com