Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN3985 Arkusz danych(PDF) 33 Page - STMicroelectronics

Numer części AN3985
Szczegółowy opis  Using the CR95HF library with STM8L microcontrollers
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3985 Arkusz danych(HTML) 33 Page - STMicroelectronics

Back Button AN3985 Datasheet HTML 29Page - STMicroelectronics AN3985 Datasheet HTML 30Page - STMicroelectronics AN3985 Datasheet HTML 31Page - STMicroelectronics AN3985 Datasheet HTML 32Page - STMicroelectronics AN3985 Datasheet HTML 33Page - STMicroelectronics AN3985 Datasheet HTML 34Page - STMicroelectronics AN3985 Datasheet HTML 35Page - STMicroelectronics AN3985 Datasheet HTML 36Page - STMicroelectronics AN3985 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 105 page
background image
AN3985
ISO/IEC 15693 layer
Doc ID 022255 Rev 2
33/105
5.4
ISO/IEC 15693 layer functions
The tables below summarize the available functions in CR95HF layer.
The functions send, through CR95HF, the command of ISO/IEC 15693 specification (refer to
Table 44).
Table 43.
Functions to compute parameter byte
Function name
Brief description
ISO15693_ComputeParameterByte_
ProtocolSelect
Computes the Parameter byte for ProtocolSelect
function.
ComputeByte
Computes a byte. It can be used to create Request
flags byte.
Table 44.
ISO15693 library command based on ISO/IEC 15693 specification
Function name
Brief description
ISO15693_Inventory
Emits an inventory command.
ISO15693_Stay_Quiet
Emits a stay quiet command.
ISO15693_Read_Single_Block
Emits a read single block command.
ISO15693_Write_Single_Block
Emits a write single block command.
ISO15693_Lock_Block
Emits a lock single block command.
ISO15693_Read_Multiple_Block
Emits a read multiple block command.
ISO15693_Write_Multiple_Block
Emits a write multiple block command.
ISO15693_Select
Emits a select command.
ISO15693_Reset_to_Ready
Emits a reset to ready command.
ISO15693_Write_AFI
Emits a write AFI command.
ISO15693_Lock_AFI
Emits a lock AFI command.
ISO15693_Write_DSFID
Emits a write DSFID command.
ISO15693_Lock_DSFID
Emits a lock DSFID command.
ISO15693_Get_System_Info
Emits a get system info command.
ISO15693_Get_Multiple_Blocks_Security_
Status
Emits a Get multiple block security status
command.
ISO15693_SendEOF
Emits an EOF pulse.
ISO15693_Custom_Commands
Emits a customs command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More