Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN4067 Arkusz danych(PDF) 24 Page - STMicroelectronics

Numer części AN4067
Szczegółowy opis  Microcontrollers of STM32F0x1
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4067 Arkusz danych(HTML) 24 Page - STMicroelectronics

Back Button AN4067 Datasheet HTML 19Page - STMicroelectronics AN4067 Datasheet HTML 20Page - STMicroelectronics AN4067 Datasheet HTML 21Page - STMicroelectronics AN4067 Datasheet HTML 22Page - STMicroelectronics AN4067 Datasheet HTML 23Page - STMicroelectronics AN4067 Datasheet HTML 24Page - STMicroelectronics AN4067 Datasheet HTML 25Page - STMicroelectronics AN4067 Datasheet HTML 26Page - STMicroelectronics AN4067 Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
Internal oscillator calibration/measurement example description
AN4067
24/27
DocID022913 Rev 2
5
Internal oscillator calibration/measurement example
description
The example provided with this application note shows the ability of the firmware to calibrate
the internal RC oscillators (HSI, HSI14 and HSI48) and explains how to use it to measure
the internal RC oscillators (HSI14 and LSI) of the STM32F0xx microcontroller.
In this example:
After system reset, the HSI is selected to be used as the system clock source.
The HSI is calibrated using the LSE oscillator as a reference clock.
When the HSI oscillator has been calibrated, the PLL (clocked by HSI) is configured to
48 MHz and used as the system clock source.
Then, the HSI14 is calibrated according to HSI precision.
HSI48 is measured and calibrated.
Then HSI48 is selected as system clock, CRS peripheral initialized and run.
After that, the LSI frequency is measured.
Finally, the measured frequency of the different oscillators is displayed on the
STM320518-EVAL board's LCD, as shown in Figure 16.
By default, the example uses the minimum error method to calibrate the HSI and HSI14
oscillators.
To run the calibration process that provides the frequency with fixed error, users have to
comment out the following define in the main.c file:
#define CALIBRATION_MIN_ERROR
Figure 16. Internal oscillator calibration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27