Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UM0629 Arkusz danych(PDF) 13 Page - STMicroelectronics

Numer części UM0629
Szczegółowy opis  STM8L101-EVAL evaluation board
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0629 Arkusz danych(HTML) 13 Page - STMicroelectronics

Back Button UM0629 Datasheet HTML 9Page - STMicroelectronics UM0629 Datasheet HTML 10Page - STMicroelectronics UM0629 Datasheet HTML 11Page - STMicroelectronics UM0629 Datasheet HTML 12Page - STMicroelectronics UM0629 Datasheet HTML 13Page - STMicroelectronics UM0629 Datasheet HTML 14Page - STMicroelectronics UM0629 Datasheet HTML 15Page - STMicroelectronics UM0629 Datasheet HTML 16Page - STMicroelectronics UM0629 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
UM0629
STM8L1/L2 motherboard
Doc ID 15312 Rev 2
13/26
2.13
Daughterboard extension connectors CN3 and CN4
Two 36-pin male headers CN3 and CN4 can be used to connect the daughterboard to the
motherboard. All GPI/Os are available on it. Please refer to Table 8 and Table 9 for pin-out
definition.
Table 7.
MicroSD connector CN1
Pin number
Description
Pin number
Description
1
Reserved
5
SCLK/PB5
2
CS/PB4
6
Vss/GND
3
DI/PB6
7
DO/PB7
4VDD
8
Reserved
9
GND
10
Not used
Table 8.
Daughterboard extension connector CN3
Pin number
Description
Pin number
Description
1
GND
2
PC4
3PC54PC6
5
Reserved
6
Reserved
7
Reserved
8
Reserved
9PA0
10
GND
11
PA1
12
PA2
13
Reserved
14
PA3
15
Reserved
16
Reserved
17
PA4
18
Reserved
19
GND
20
PA5
21
Reserved
22
PA6
23
Reserved
24
Reserved
25
PD0
26
Reserved
27
PD2
28
PD1
29
PD3
30
GND
31
NC
32
NC
33
PB0
34
PB1
35
PB2
36
PB3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26