Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UM0804 Arkusz danych(PDF) 13 Page - STMicroelectronics

Numer części UM0804
Szczegółowy opis  EVALSPEAr300 - evaluation board for the SPEAr300
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0804 Arkusz danych(HTML) 13 Page - STMicroelectronics

Back Button UM0804 Datasheet HTML 9Page - STMicroelectronics UM0804 Datasheet HTML 10Page - STMicroelectronics UM0804 Datasheet HTML 11Page - STMicroelectronics UM0804 Datasheet HTML 12Page - STMicroelectronics UM0804 Datasheet HTML 13Page - STMicroelectronics UM0804 Datasheet HTML 14Page - STMicroelectronics UM0804 Datasheet HTML 15Page - STMicroelectronics UM0804 Datasheet HTML 16Page - STMicroelectronics UM0804 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
UM0804
Jumper settings
Doc ID 16303 Rev 2
13/25
7
Jumper settings
7.1
Switch 2
Note:
When DIP switch SW2-X is in the ON position, the bit value is 0. When the DIP switch is in
the OFF position, the bit value is 1.
Bits 3, 4, and 5 allow you to set the Functional configuration. The default configuration is
Configuration 3. For the other configurations, please refer to the user manual chapter 6
available on www.st.com/spear.
Table 2.
Switch 2 (SoC functional configuration)
Bit
Description
1
Test0 – see Debug configuration below
2
Test1 – see Debug configuration below
3
Test2 – see Debug configuration below
4
Test3 – see Debug configuration below
5
Test4 – see Debug configuration below
6
BootSel – see Debug configuration below
Table 3.
Switch 2 (debug configuration)
Test bit
Debug configuration
21
0
0
Normal Mode (No debug enabled)
0
1
ARM1 JTAG connected to J4
1
0
The ARM ETM bus available on J13 and J14
Table 4.
Switch 2 (functional configuration)
Test bit
Functional configuration
6543
1011
Configuration 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25