| Zakładka z wyszukiwarką danych komponentów |
|
AN4080 Arkusz danych(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4080 Arkusz danych(HTML) 32 Page - STMicroelectronics |
|
32 / 35 page ![]() Hardware migration from STM32F1 to STM32F0 series AN4080 32/35 DocID023035 Rev 4 7 Hardware migration from STM32F1 to STM32F0 series The entry-level STM32F0xx and general-purpose STM32F1xxx families are pin-to-pin compatible. All peripherals shares the same pins in the two families, but there are some minor differences between packages. The transition from the STM32F1 series to the STM32F0 series is simple as only a few pins are impacted. The impacted pins are shown in bold in the following tables. Table 7. STM32F1 series and STM32F03x/5x device pinout differences LQFP64 LQFP48 STM32 F1 series STM32F03x/5x devices Pinout Pinout STM32F031/51 Pinout STM32F038/58 55 PD0 - OSC_IN PF0 - OSC_IN PF0 - OSC_IN 66 PD1 - OSC_OUT PF1 - OSC_OUT PF1 - OSC_OUT 18 - VSS_4 PF4 PF4 19 - VDD_4 PF5 PF5 28 20 BOOT1 - PB2 PB2 NPOR 47 35 VSS_2 PF6 PF6 48 36 VDD_2 PF7 PF7 Table 8. STM32F1 series and STM32F04x device pinout differences LQFP48 STM32F1 series STM32F04x devices Pinout Pinout STM32F042 Pinout STM32F048 5 PD0 - OSC_IN PF0 - OSC_IN PF0 - OSC_IN 6 PD1 - OSC_OUT PF1 - OSC_OUT PF1 - OSC_OUT 20 BOOT1 - PB2 PB2 NPOR 35 VSS_2 PF6 PF6 36 VDD_2 VDDIO2 VDDIO2 44 BOOT0 BOOT0 - PF11 BOOT0 - PF11 Table 9. STM32F1 series and STM32F07x device pinout differences LQFP100 STM32 F1 series STM32F07x devices Pinout Pinout STM32F071/72 Pinout STM32F078 10 VSS_5 PF9 PF9 11 VDD_5 PF10 PF10 12 OSC_IN PF0 - OSC_IN PF0 - OSC_IN |