| Zakładka z wyszukiwarką danych komponentów |
|
AN4141 Arkusz danych(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4141 Arkusz danych(HTML) 24 Page - STMicroelectronics |
|
24 / 42 page ![]() HAL to StdPeriph_Lib list of changes AN4141 24/42 DocID023425 Rev 2 3.2.2 Exception naming Table 7 shows the exception handler names which were changed to match CMSIS names. Table 7. STM32W108xx HAL exception names vs. CMSIS HAL CMSIS Description Reset_Handler Reset Handler NMI_Handler NMI_Handler NMI Handler HardFault_Handler HardFault_Handler Hard Fault Handler MemManage_Handler MemManage_Handler MPU Fault Handler BusFault_Handler BusFault_Handler Bus Fault Handler UsageFault_Handler UsageFault_Handler Usage Fault Handler SVC_Handler SVC_Handler SVCall Handler DebugMon_Handler DebugMon_Handler Debug Monitor Handler PendSV_Handler PendSV_Handler PendSV Handler halSysTickIsr SysTick_Handler SysTick Handler halTimer1Isr TIM1_IRQHandler Timer 1 Interrupt halTimer2Isr TIM2_IRQHandler Timer 2 Interrupt halManagementIsr MNG_IRQHandler Management Peripheral Interrupt halBaseBandIsr BASEBAND_IRQHandler Base Band Interrupt halSleepTimerIsr SLPTIM_IRQHandler Sleep Timer Interrupt halSc1Isr SC1_IRQHandler Serial Controller 1 Interrupt halSc2Isr SC2_IRQHandler Serial Controller 2 Interrupt halSecurityIsr SECURITY_IRQHandler Security Interrupt halStackMacTimerIsr MAC_TIM_IRQHandler MAC Timer Interrupt stmRadioTransmitIsr MAC_TR_IRQHandler MAC Transmit Interrupt stmRadioReceiveIsr MAC_RE_IRQHandler MAC Receive Interrupt halAdcIsr ADC_IRQHandler ADC Interrupt halIrqAIsr EXTIA_IRQHandler EXTIA Interrupt halIrqBIsr EXTIB_IRQHandler EXTIB Interrupt halIrqCIsr EXTIC_IRQHandler EXTIC Interrupt halIrqDIsr EXTID_IRQHandler EXTID Interrupt halDebugIsr DEBUG_IRQHandler Debug Interrupt |