Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN4178 Arkusz danych(PDF) 4 Page - STMicroelectronics

Numer części AN4178
Szczegółowy opis  LIN communication with two STM8AF boards of STM8A-DISCOVERY
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4178 Arkusz danych(HTML) 4 Page - STMicroelectronics

  AN4178 Datasheet HTML 1Page - STMicroelectronics AN4178 Datasheet HTML 2Page - STMicroelectronics AN4178 Datasheet HTML 3Page - STMicroelectronics AN4178 Datasheet HTML 4Page - STMicroelectronics AN4178 Datasheet HTML 5Page - STMicroelectronics AN4178 Datasheet HTML 6Page - STMicroelectronics AN4178 Datasheet HTML 7Page - STMicroelectronics AN4178 Datasheet HTML 8Page - STMicroelectronics AN4178 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Implementing a LIN master node with STM8AF board
AN4178
4/13
Doc ID 23745 Rev 1
2
Implementing a LIN master node with STM8AF board
2.1
STM8AF microcontroller LINUART and USART features for
LIN master
The LINUART and USART inside the STM8AF microcontroller implement both generation
and detection of LIN Breaks.
LIN Break generation allows sending of 13-bit Breaks on the TX pin, thanks to the LIN
protocol requirement.
LIN Break detection allows detection of feedback from the LIN transceiver, before the Synch
Field (55h data byte) transmission is requested on the TX pin. There is a dedicated flag
(LBDF) which may or may not trigger the receive interrupt depending on the LBDIE bit
configuration.
2.2
Software algorithm
The software algorithm described below is implemented in the STM8AF master software.
Refer to Section 4.2: STM8AF LIN master software description.
2.2.1
LIN state machine
The LIN task is called regularly by the main routine. This task is a basic LIN master driver,
implementing a state machine with the following states:
Idle
Break
SynchField
Identifier
DataReception
DataTransmission
2.2.2
LINUART interrupt
The LINUART interrupt reads and clears the hardware flags in the LINUART registers, and
sets appropriate software flags to allow transitions in the basic LIN driver state machine:
BreakReceived, which is set if the break detection flag (LBDF) is set
DataReceived, which is set if the RXNE flag is set
ReceptionError, which is set if the case framing error flag (FE) or the overrun flag (OR)
is set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com