Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN4229 Arkusz danych(PDF) 16 Page - STMicroelectronics

Numer części AN4229
Szczegółowy opis  How to implement a vocoder solution using STM32 microcontrollers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4229 Arkusz danych(HTML) 16 Page - STMicroelectronics

Back Button AN4229 Datasheet HTML 12Page - STMicroelectronics AN4229 Datasheet HTML 13Page - STMicroelectronics AN4229 Datasheet HTML 14Page - STMicroelectronics AN4229 Datasheet HTML 15Page - STMicroelectronics AN4229 Datasheet HTML 16Page - STMicroelectronics AN4229 Datasheet HTML 17Page - STMicroelectronics AN4229 Datasheet HTML 18Page - STMicroelectronics AN4229 Datasheet HTML 19Page - STMicroelectronics AN4229 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
Package content and description
AN4229
16/26
DocID024112 Rev 1
Figure 7. Player process (triple-buffering mode)
2.3.2
Audio recorder
Audio Recorder Buffering task consists on getting the recorded frame from the ADC
peripheral then encode it and write it to mass storage device. ADC conversion is triggered
by a timer. Once a buffer is ready, the recorder task is notified and gets the ready buffer for
encoding and writing.
As shown in Figure 8, double buffering is used for this module.
Figure 8. Recorder process (double-buffering mode)
2.4
Software
In addition to the firmware described above, the vocoders package includes also four
software applications (PC applets) that allow the user to encode and decode audio files on
the PC with the different voice codecs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26