Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN4363 Arkusz danych(PDF) 13 Page - STMicroelectronics

Numer części AN4363
Szczegółowy opis  This document gives basic guidelines to select the AC switch device according
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4363 Arkusz danych(HTML) 13 Page - STMicroelectronics

Back Button AN4363 Datasheet HTML 9Page - STMicroelectronics AN4363 Datasheet HTML 10Page - STMicroelectronics AN4363 Datasheet HTML 11Page - STMicroelectronics AN4363 Datasheet HTML 12Page - STMicroelectronics AN4363 Datasheet HTML 13Page - STMicroelectronics AN4363 Datasheet HTML 14Page - STMicroelectronics AN4363 Datasheet HTML 15Page - STMicroelectronics AN4363 Datasheet HTML 16Page - STMicroelectronics AN4363 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
DocID025296 Rev 1
13/20
AN4363
Gate current and triggering quadrants
20
Figure 11. AC switches symbols
Four triggering quadrants can be defined according to the polarity of the gate current and
the polarity of the voltage applied across the device, as shown in Figure 12.
Figure 12. Triac triggering quadrants
For an SCR, only a positive gate current can switch-on the device. Thus, the triggering
quadrants are not considered for SCR devices.
The usable triggering quadrants depend on the family and the class of the device used. The
table 2 sums-up the triggering quadrants for STMicroelectronics devices.
A2
Out
Out
G
G
G
A1
Com
Com
Triac
ACST
ACS
+ +
--
+-
1 st
2 nd
3 rd
4 th
V T
I G
A 2 (or OUT)
I G
V T
A 1 (or COM)
-+
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20